Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490PA Datasheet(PDF) 2 Page - Rakon Limited

Part # ROM1490PA
Description  Mercury ™ IC OCXO | RRH and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490PA Datasheet(HTML) 2 Page - Rakon Limited

  ROM1490PA Datasheet HTML 1Page - Rakon Limited ROM1490PA Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mercury+ ™ IC OCXO | RRH and Small Cells
Issue: B, 25 October 2024
Specifications are subject to change without notice.
Copyright © 2014 to 2024 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
SSB Phase Noise
(Typical value at 25°C)
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Unit
19.2 MHz
-80
-110
-138
-154
-159
-160
-161
dBc/Hz
30.72 MHz
-73
-105
-133
-153
-158
-160
-161
38.4 MHz
-70
-102
-132
-150
-155
-157
-159
Frequency Stability over Temperature @ 30.72 MHz
Warm-up Time @ 19.2 MHz
Model Outline and Recommended Pad Layout
NOTE
•
Unit: mm
•
Cover: plastic
•
Base: FR4
•
Finish: 0.05 ~ 0.13 µm Gold over 3 ~ 6 µm Nickel
Pin
Connections
1
Control Voltage (Vc) / Do not connect (GND optional)*
2
Vc_GND / Do not connect (GND optional)*
3
GND
4
Output
5
NC
6
Supply Voltage (Vcc)
for correct operation decouple the supply voltage with a 10 μF
capacitor close to the oscillator
* Depending on detail specification
Frequency Stability (ppb)
Frequency Stability (ppb)
-25
-20
-15
-10
-5
0
5
10
15
20
25
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
Frequency Stability vs Temperature (5 units)
Frequency Stability (ppb)
-40
-30
-20
-10
0
10
20
30
40
0
10 20 30 40 50 60 70 80 90 100 110 120
Time after power on (sec)
Warm-up – The First 2 Minutes
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
60
Time after power on (min)
Warm-up – The First Hour



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com