Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490PS Datasheet(PDF) 1 Page - Rakon Limited

Part # ROM1490PS
Description  MERCURY™ IC OCXO | RRH AND SMALL CELLS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490PS Datasheet(HTML) 1 Page - Rakon Limited

  ROM1490PS Datasheet HTML 1Page - Rakon Limited ROM1490PS Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MERCURY+™ IC OCXO
| RRH AND SMALL CELLS
Issue: B, 10 June 2021
Specifications are subject to change without notice
Copyright © 2019 Rakon Limited. All rights reserved
Page 1 of 2
sales@rakon.com
ROM1490PS
The ROM1490PS uses Rakon’s market-leading proprietary Mercury+™ technology, delivering the world’s first ASIC-based and smallest OCXO
in a hermetic package. This product family delivers ±10 ppb frequency stability over -40 to 85°C with short term ageing less than 1 ppb/day
and frequency slope as low as 0.1 ppb/°C. Using Rakon’s innovative high-Q quartz crystals, ROM1490PS offers superior close-in phase noise
performance, enabling Remote Radio Head PLLs to use a single reference clock to meet both network synchronisation requirements and air
interface requirements.
Mercury+™ ASIC-OCXOs enable lower Total Cost of Ownership of customer equipment through improved reliability. With a small form factor
and few discrete components, a ROM1490PS consumes only 0.4W at room temperature and has faster warm up times than traditional OCXOs.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
10 – 50
MHz
Standard frequencies: 10, 19.2, 20, 25, 30.72,
38.4, 50 MHz
Frequency calibration
±0.2
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±0.2
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes
after reflow)
Operating temperature range
-40
+85
°C
Frequency stability temperature
±10
±5
ppb
In still air. Reference to (FMAX + FMIN)/2
±10 ppb (Vc), ±5 ppb (Fixed frequency)
Frequency slope ΔF/ΔT in still air
±0.1
±0.5
ppb/°C
Temperature ramp ≤ 1°C/minute
All causes stability
±4.6
ppm
Including calibration, temperature, supply
voltage & load changes and 20 years life,
reference to Fn
Supply voltage stability
±5
ppb
±2% variation, reference to frequency at 3.3V
Load sensitivity
±5
ppb
±10% variation, reference to frequency at 15pF
Warm-up time
15
60
sec
Time needed for frequency to be within ±20
ppb reference to frequency after 1 hour, at
25°C. Parameter is frequency, assembly and
operating history dependent
Long term stability (Ageing)
1
0.3
1.5
ppb
ppm
Per day, after 60 days of continuous operation
First year
10 years
Supply voltage (Vcc)
2.7 – 5
V
±5%
Input power
1200
400
1500
440
mW
Warm up
Steady state in still air at 25°C
Control voltage (Vc) 1
0.25
1.25
2.25
V
Frequency tuning
±1.9
±3.3
ppm
Reference to frequency at Vc=1.25V
Linearity
1
%
Deviation from straight line curve fit
Oscillator output
Regulated CMOS output (1.0, 1.8, 2.5V) or standard CMOS (options)
1 The GND of the control voltage (Vc) needs to be connected directly to pin 2 (GND) as ground lead impedance may cause performance degradation.
Features
Applications
14.2 x 9.2 x 6.5
mm
 Superior close-in phase noise with high-Q
SC-cut crystal
 < 1% VCO linearity
 Patented tilt compensation for lifetime
performance
 Fast warm up time
 Ultra-reliable OTP memory programming
 Lower customer Total Cost of Ownership
through VLSI ASIC-integration
 Base Stations
 5G RRH
 Small Cells
 Microwave transmission systems


Similar Part No. - ROM1490PS

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROM1490PA RAKON-ROM1490PA Datasheet
465Kb / 2P
Mercury ™ IC OCXO | RRH and Small Cells
25 October 2024
More results

Similar Description - ROM1490PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2052 TI-BQ2052 Datasheet
161Kb / 18P
Gas Gauge IC for Lithium Primary Cells
logo
PerkinElmer Optoelectro...
VT900 PERKINELMER-VT900 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
OX2580A RALTRON-OX2580A Datasheet
42Kb / 2P
Small OCXO in 1??SQ. package
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
Low noise C?륱AN radios, Microwave links and Small Cells
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
logo
Mitsumi Electronics, Co...
MM3220 MITSUMI-MM3220 Datasheet
49Kb / 3P
2 cells lithium-ion/lithium-polymer battery protection IC
logo
TXC Corporation.
OE-SERIES TXC-OE-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
OG-SERIES TXC-OG-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
logo
Qorvo, Inc
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
LTE Band 1 BAW Duplexer for Small Cells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com