Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM7050PA Datasheet(PDF) 2 Page - Rakon Limited

Part # ROM7050PA
Description  Mercury ™ IC OCXO | 5G RRHs and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM7050PA Datasheet(HTML) 2 Page - Rakon Limited

  ROM7050PA Datasheet HTML 1Page - Rakon Limited ROM7050PA Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mercury+ ™ IC OCXO | 5G RRHs and Small Cells
Issue: C, 31 August 2023
Specifications are subject to change without notice
Copyright © 2020 to 2023 Rakon Limited. All rights reserved
Page 2 of 2
Contact Us
Frequency Stability over Temperature (FvsT)
FVST
FVST AND TIME PROFILE
Warm-Up Time
WARM-UP TIME (≤±20 PPB): < 15S @ -25°C
WARM-UP TIME (≤±20 PPB): < 20S @ -40°C
Model Outline and Recommended Pad Layout
NOTE
•
Unit: mm
•
Cover: plastic
•
Base: FR4
•
Finish: 0.05 ~ 0.13 µm
Gold over 3 ~ 6 µm Nickel
Pin
Connections
1, 2
NC
3
Do not connect (GND optional)/ Vc_GND
4
GND
5
Output
6, 7, 8
NC
9
Supply Voltage (Vcc)
10
Do not connect (GND optional)/ Vc
Freq. Stability (ppb)
Freq. Stability (ppb)
ROM9070PA 6-pad 3D model



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com