Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM9070PA Datasheet(PDF) 2 Page - Rakon Limited

Part # ROM9070PA
Description  Mercury™ IC OCXO | RRH and Small Cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM9070PA Datasheet(HTML) 2 Page - Rakon Limited

  ROM9070PA Datasheet HTML 1Page - Rakon Limited ROM9070PA Datasheet HTML 2Page - Rakon Limited ROM9070PA Datasheet HTML 3Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mercury+™ IC OCXO | RRH and Small Cells
Issue: B, 26 August 2024
Specifications are subject to change without notice.
Copyright © 2019 to 2024 Rakon Limited. All rights reserved
Page 2 of 3
Contact Us
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Frequency tuning
±1.9
±3.3
ppm
Reference to the frequency at Vc=1.25 V
Linearity
1
%
Deviation from straight line curve fit
Oscillator output
Regulated CMOS output (1.0, 1.8, 2.5V) or standard CMOS (options)
SSB Phase Noise
(Typical value at 25°C)
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Unit
19.2 MHz
-80
-110
-138
-154
-159
-160
-161
dBc/Hz
30.72 MHz
-73
-105
-133
-153
-158
-160
-161
38.4 MHz
-70
-102
-132
-150
-155
-157
-159
2.0
Frequency Stability over Temperature @ 30.72 MHz
3.0
Warm-up Time @ 19.2 MHz
-40
-30
-20
-10
0
10
20
30
40
0
10 20 30 40 50 60 70 80 90 100 110 120
Time after power on (sec)
Warm-up – The First 2 Minutes
Frequency Stability (ppb)
-40
-30
-20
-10
0
10
20
30
40
0
10
20
30
40
50
60
Time after power on (min)
Warm-up – The First Hour
-20
-15
-10
-5
0
5
10
15
20
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (°C)
Frequency stability over temperature (5 units)
Frequency Stability (ppb)
Frequency Stability (ppb)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com