Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUN Datasheet(PDF) 1 Page - Littelfuse

Part # FUN
Description  Style Blade Fuse Rated 125V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FUN Datasheet(HTML) 1 Page - Littelfuse

  FUN Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Blade Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse Automotive Circuit Protection Products
FUN MINI® Style Blade Fuse Rated 125V
Specifications
LWS
Insulating body:
Out of thermoplastic (UL 94-V0, heat-resistant)
Cover:
Out of thermoplastic V0
Red, not transparent
Connections:
Blade contacts
Copper alloy, gal. Sn
Edge-protected
Breaking capacity:1,000 A, 125 V, DC
The FUN is a 125V rated MINI style fuse. It features a three part
construction with copper contacts for excellent reliability in harsh
environment conditions and low voltage drop. Current ratings 3A
thru 15A. Filled with arc-quenching material.
FUN ist eine 125V Sicherung in MINI-Bauform. Dreiteiliger
Aufbau mit Kupferkontakten, niedriger Spannungsabfall und
hohe Zuverlässigkeit unter rauen Umgebungsbedingungen.
Nennstrom 3A bis 15A. Gefüllt mit Lichtbogen löschendem
Material.
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
110
100 h / –
135
500 ms / 900 s
200
150 ms / 10 s
350
40 ms / 500 ms
600
15 ms / 100 ms
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Housing Color
Kennfarbe
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
125.6785.430_
3 A
130 mV
35.0 m
Ω
8.50 A²s
125.6785.440_
4 A
120 mV
23.5 m
Ω
14.5 A²s
125.6785.450_
5 A
120 mV
18.0 m
Ω
25.0 A²s
125.6785.475_
7.5 A
110 mV
11.0 m
Ω
60.0 A²s
125.6785.510_
10 A
110 mV
8.00 m
Ω
85.0 A²s
125.6785.515_
15 A
110 mV
5.00 m
Ω
155 A²s
FI = 1.43 (max. operating current :
0.7 x I
rat at 23°C)
Pre-arcing Time - limits / Schmelzzeit-Grenzwerte DIN
Dimensions in mm / Maße in mm
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”


Similar Description - FUN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0297002 LITTELFUSE-0297002 Datasheet
197Kb / 2P
MINI Blade Fuse Rated 32V
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TFATO LITTELFUSE-TFATO Datasheet
169Kb / 1P
Blade Fuse Rated 90V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
Blade Fuse Rated 58V
028707.5H LITTELFUSE-028707.5H Datasheet
441Kb / 2P
ATOF??Blade Fuse Rated 32V
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
142.6185.4102 LITTELFUSE-142.6185.4102 Datasheet
290Kb / 2P
TAC ATO STYLE BLADE FUSE RATED 58V Blade contacts
01520001TXN LITTELFUSE-01520001TXN Datasheet
183Kb / 1P
Fuse Holder for MAXI짰 Style Blade Fuse
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
178.4265.0002 LITTELFUSE-178.4265.0002_V01 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V/80V
Rev: 052716
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com