Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEDS-97EX Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-97EX
Description  Small Optical Encoder Modules 200 LPI Analog Voltage Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-97EX Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-97EX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-97EX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Definitions
Count (N): The number of bar and window pairs or counts
per revolution (CPR) of the codewheel. Or the number of
lines per inch of the codestrip (LPI)
1 shaft rotation = 360 degrees
= N cycles
1 cycle (c)
= 360 electrical degree, equivalent to 1
bar and window pair.
Direction of Rotation: When the codewheel rotates in the
counter-clockwise direction (as viewed from the encoder
end of the motor), channel A will lead channel B. If the
codewheel rotates in the clockwise direction, channel B
will lead channel A.
Line Density: The number of window and bar pair per
unit length, express in either lines per inch (LPI) or lines
per mm (LPmm)
Optical Radius (Rop): The distance from the codewheel’s
center of rotation to the optical center (O.C) of the
encoder module.
Gap (G): The distance from surface of the encoder to the
surface of codewheel or codestrip
Mounting Position (RM): Distance from Motor Shaft
center of rotation to center of Alignment Tab receiving
hole.
Radial and Tangential Misalignment Error (ER and Er): For
rotary motion mechanical displacement in the radial and
tangential directions relative to the nominal alignment
Angular Misalignment Error (EA): Angular misalignment
of the sensor in relation to then tangential direction.
This applies for both rotary and linear motion.of elec-
trical degrees that an output is high during one cycle,
nominally 180°e or 1/2 a cycle.
Theory of Operation
The HEDS-97EX is a C-shaped emitter/detector module.
Coupled with a codewheel/codestrip, it translates rotary
motion into a two-channel analog output.
The module contains a single Light Emitting Diode (LED)
as its light source. The light is collimated into a parallel
beam by means of a single lens located directly over the
LED. Opposite the emitter is the integrated detector
circuit. This IC consists of multiple sets of photodetectors
and the signal processing circuitry necessary to produce
the analog waveforms.
The codewheel/codestrip moves between the emitter
and detector, causing the light beam to be interrupted
by the pattern of spaces and bars on the codewheel/
codestrip.
The photodiodes, which detect these interruptions, are
arranged in a pattern that corresponds to the radius and
count density of the codewheel/codestrip.
These detectors are also spaced such that a light period
on one pair of detectors corresponds to a dark period on
the adjacent pairs of detectors. The photodiode outputs
are fed through the signal processing circuitry, which
produce the final outputs for Channel A and Channel
B. Due to this integrated phasing technique, the analog
output of Channel A is in quadrature with Channel B (90
degrees out of phase).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com