Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVB2 Datasheet(PDF) 1 Page - France Joint

Part # OVB2
Description  INVERTED SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

OVB2 Datasheet(HTML) 1 Page - France Joint

  OVB2 Datasheet HTML 1Page - France Joint OVB2 Datasheet HTML 2Page - France Joint OVB2 Datasheet HTML 3Page - France Joint OVB2 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
SEAL DESIGN
Tolerance for the inside diameter of the seal (Ød)
Shaft diameter
Ød1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
Ød1 ≤ 50.0
-0.20 / -0.10
-0.30 / -0.15
-0.40 / -0.20
50.0 < Ød1 ≤ 80.0
-0.23 / -0.13
-0.35 / -0.20
-0.45 / -0.25
80.0 < Ød1 ≤ 120.0
-0.25 / -0.15
-0.35 / -0.20
-0.45 / -0.25
120.0 < Ød1 ≤ 180.0
-0.28 / -0.18
-0.45 / -0.25
-0.55 / -0.30
180.0 < Ød1 ≤ 300.0
-0.30 / -0.20
-0.45 / -0.25
-0.55 / -0.30
300.0 < Ød1 ≤ 500.0
-0.35 / -0.23
-0.55 / -0.30
-0.65 / -0.35
Roundness tolerance
Shaft diameter
Ød1 (mm)
Apparent metal cage
Rubber coating
Ød1 ≤ 50.0
0.18
0.25
50.0 < Ød1 ≤ 80.0
0.25
0.35
80.0 < Ød1 ≤ 120.0
0.30
0.50
120.0 < Ød1 ≤ 180.0
0.40
0.65
180.0 < Ød1 ≤ 300.0
0.25% of the inside diameter
0.80
300.0 < Ød1 ≤ 500.0
0.25% of the inside diameter
1.00
Tolerance for the outside diameter of the seal (ØD)
Free and without constraint, the outside diameter of the sealing lip is always bigger than
the diameter of the rotating hub. The pre-tightening or interference denotes the difference
between these two values. Depending on the hub diameter, the diameter of the sealing lip is
generally considered to be greater, between 0.8 and 3.5 mm.
|
DESCRIPTION
The OVB2 profile is an inverted
shaft seal composed of a single
internal metal cage and a primary
sealing lip without a spring.
|
ADVANTAGES
Good radial rigidity, particularly
for large diameters
Good stability when assembled,
preventing the bounce-back effect
Sealing for high viscosity fluids
Primary sealing lip generating
low levels of friction and heat
|
APPLICATIONS
All types of rotative applications
Rotating hubs
Fixed shafts
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
INVERTED SHAFT SEALS
OVB2
ROTARY SEALS | INVERTED SHAFT SEALS |
OVB2


Similar Part No. - OVB2

ManufacturerPart #DatasheetDescription
logo
France Joint
OVB FRANCEJOINT-OVB Datasheet
257Kb / 4P
INVERTED SHAFT SEALS
logo
Connor-Winfield Corpora...
OVB3AC3AB CONNOR-WINFIELD-OVB3AC3AB Datasheet
189Kb / 2P
14 PIN DIP 3.3V HCMOS OCVCXO
OVB3AC3AB-12.8M CONNOR-WINFIELD-OVB3AC3AB-12.8M Datasheet
189Kb / 2P
14 PIN DIP 3.3V HCMOS OCVCXO
OVB5AC3AB CONNOR-WINFIELD-OVB5AC3AB Datasheet
190Kb / 2P
14 PIN DIP 5.0V HCMOS OCVCXO
OVB5AC3AB-10.00M CONNOR-WINFIELD-OVB5AC3AB-10.00M Datasheet
190Kb / 2P
14 PIN DIP 5.0V HCMOS OCVCXO
More results

Similar Description - OVB2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1825620-1 MACOM-1825620-1 Datasheet
52Kb / 1P
SHAFT ADAPTER
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TT Electronics.
PS100 TTELEC-PS100 Datasheet
524Kb / 3P
Metal shaft
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
SparkFun Electronics
ROB-12363 SPARKFUN-ROB-12363 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 8.00L)
2/11/2016
ROB-12555 SPARKFUN-ROB-12555 Datasheet
91Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 2.75L)
2/11/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com