Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVBCW Datasheet(PDF) 3 Page - France Joint

Part # OVBCW
Description  INVERTED SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

OVBCW Datasheet(HTML) 3 Page - France Joint

  OVBCW Datasheet HTML 1Page - France Joint OVBCW Datasheet HTML 2Page - France Joint OVBCW Datasheet HTML 3Page - France Joint OVBCW Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.francejoint.com
Surface roughness
Ra
0.8 to 3.2 µm
Rz
6.3 to 16.0 µm
Rmax
≤16.0 µm
Fixed shaft tolerance
Shaft diameter
Ød1 (mm)
Tolerance
h8 (mm)
3.0 < Ød1 ≤ 6.0
-0.018 / 0
6.0 < Ød1 ≤ 10.0
-0.022 / 0
10.0 < Ød1 ≤ 18.0
-0.027 / 0
18.0 < Ød1 ≤ 30.0
-0.033 / 0
30.0 < Ød1 ≤ 50.0
-0.039 / 0
50.0 < Ød1 ≤ 80.0
-0.046 / 0
80.0 < Ød1 ≤ 120.0
-0.054 / 0
120.0 < Ød1 ≤ 180.0
-0.063 / 0
180.0 < Ød1 ≤ 250.0
-0.072 / 0
250.0 < Ød1 ≤ 315.0
-0.081 / 0
315.0 < Ød1 ≤ 400.0
-0.089 / 0
400.0 < Ød1 ≤ 500.0
-0.097 / 0
Fixed shaft radius and width
Height
H1 (mm)
Width
Radius
R2 max (mm)
L2min
(H1 x 0.85)
L1min
(H1 x +0.3)
7.00
5.95
7.30
0.50
8.00
6.80
8.30
10.00
8.50
10.30
12.00
10.30
12.30
0.70
15.00
12.75
15.30
20.00
17.00
20.30
|
|
FIXED SHAFT DESIGN
20°/30°
L1
L2
R2 max
10°/20°
R
ROTARY SEALS | INVERTED SHAFT SEALS |
OVBCW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com