Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVC Datasheet(PDF) 2 Page - France Joint

Part # OVC
Description  INVERTED SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

OVC Datasheet(HTML) 2 Page - France Joint

  OVC Datasheet HTML 1Page - France Joint OVC Datasheet HTML 2Page - France Joint OVC Datasheet HTML 3Page - France Joint OVC Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.francejoint.com
Temperature / Media
Media
Maximum temperature depending on the materials
ACM
AEM
EPDM
FKM
HNBR
NBR
VMQ
Mineral oils
Oils for motors
+130°C
+130°C
+170°C
+130°C
+100°C
+150°C
Oils for gearboxes
+120°C
+130°C
+150°C
+110°C
+80°C
+130°C
Oils for hypoid gears
+120°C
+130°C
+150°C
+110°C
+80°C
ATF oils
+120°C
+130°C
+170°C
+130°C
+100°C
Hydraulic oils
+120°C
+130°C
+150°C
+130°C
+90°C
Greases
+130°C
+100°C
+90°C
Fire-resistant
fluids
HFA group - Emulsion with
more than 80% water
+70°C
+70°C
+60°C
HFB group - Opposite
solution (water in oil)
+70°C
+70°C
+60°C
HFC group - Polymer
aqueous solution
+60°C
+70°C
+70°C
HFD group - Water-free
synthetic fluids
+150°C
Other fluids
EL + L heating oil
+100°C
+90°C
Air
+150°C
+150°C
+150°C
+200°C
+130°C
+100°C
+200°C
Water
+150°C
+100°C
+100°C
+90°C
Water for washing
+130°C
+100°C
+100°C
+90°C
Temperature range
Min.
-25°C
-40°C
-45°C
-20°C
-30°C
-30°C
-60°C
Max.
+150°C
+150°C
+150°C
+200°C
+150°C
+100°C
+200°C
|
|
TECHNICAL DATA
Speed
Rotation hub diameter (mm)
40
80
120
160
200
240
0
0
500
1000
1500
2000
2500
3000
3500
4000
Linear speed calculation:
s (m/s) =
[rotating hub Ø (mm)  x  speed (rpm)  x  π]
 
60,000
Pressure
Inverted shaft seals with a primary sealing lip and no
spring are used only in pressurised environments.
We recommend using inverted shaft seals with springs for use
in pressurised environments between 0.02 and 0.05 MPa (max).
ROTARY SEALS | INVERTED SHAFT SEALS |
OVC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com