Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVCW Datasheet(PDF) 4 Page - France Joint

Part # OVCW
Description  INVERTED SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

OVCW Datasheet(HTML) 4 Page - France Joint

  OVCW Datasheet HTML 1Page - France Joint OVCW Datasheet HTML 2Page - France Joint OVCW Datasheet HTML 3Page - France Joint OVCW Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20°/30°
L1
L2
R2 max
10°/20°
R
|
|
ROTATING HUB DESIGN
Rotating hub hardness
Rotation speed
Hardness in HRC
s ≤ 4.0 m/sec
45 HRC
4.0 < s ≤ 10.0 m/s
55 HRC
s > 10.0 m/sec
60 HRC
Surface roughness
Ra *
0.2 to 0.8 µm
Rz
1.0 to 4.0 µm
Rmax
≤6.3 µm
*Ra = 0.1 µm for demanding applications
Rotating hub tolerance
Rotating hub diameter
ØD1 (mm)
Tolerance
H11 (mm)
3.0 < ØD1 ≤ 6.0
0 / +0.075
6.0 < ØD1 ≤ 10.0
0 / +0.090
10.0 < ØD1 ≤ 18.0
0 / +0.110
18.0 < ØD1 ≤ 30.0
0 / +0.130
30.0 < ØD1 ≤ 50.0
0 / +0.160
50.0 < ØD1 ≤ 80.0
0 / +0.190
80.0 < ØD1 ≤ 120.0
0 / +0.220
120.0 < ØD1 ≤ 180.0
0 / +0.250
180.0 < ØD1 ≤ 250.0
0 / +0.290
250.0 < ØD1 ≤ 315.0
0 / +0.320
315.0 < ØD1 ≤ 400.0
0 / +0.360
400.0 < ØD1 ≤ 500.0
0 / +0.400
Chamfer and radius
Rotating hub diameter
ØD1 (mm)
Chamfer diameter
ØD3 (mm)
Radius
R (mm)
ØD1 ≤ 10.0
ØD1 + 1.50
2.00
10.0 < ØD1 ≤ 20.0
ØD1 + 2.00
2.00
20.0 < ØD1 ≤ 30.0
ØD1 + 2.50
3.00
30.0 < ØD1 ≤ 40.0
ØD1 + 3.00
3.00
40.0 < ØD1 ≤ 50.0
ØD1 + 3.50
4.00
50.0 < ØD1 ≤ 70.0
ØD1 + 4.00
4.00
70.0 < ØD1 ≤ 95.0
ØD1 + 4.50
5.00
95.0 < ØD1 ≤ 130.0
ØD1 + 5.50
6.00
130.0 < ØD1 ≤ 240.0
ØD1 + 7.00
8.00
240.0 < ØD1 ≤ 500.0
ØD1 + 11.00
12.00
Rotating hub run out and eccentricity
3000 r.p.m
2000 r.p.m
1000 r.p.m
500 r.p.m
0
50
100
150
200
0,1
0,2
0,3
0,4
Hub diameter (mm)
ROTARY SEALS | INVERTED SHAFT SEALS |
OVCW
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com