Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6408 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6408
Description  6 to 18 GHz 1 W Power Amplifier in SMT Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6408 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6408 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6408 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings[1]
Symbol
Parameters[1]
Units
Value
Notes
Vd
PositiveSupplyVoltage
V
6
note2
Vg
GateSupplyVoltage
V
-3to0.5
Id
DrainCurrent
mA
900
PD
PowerDissipation
W
4.6
note2,3
Pin
CWInputPower
dBm
23
note2
Tch,max
MaximumOperatingChannelTemperature
°C
+55
note4,5
Tstg
StorageCaseTemperature
°C
-65to+55
Tmax
MaximumAssemblyTemp(20sec.max.)
°C
+260
Notes:
. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothisdevice.
2. Combinationsofsupplyvoltage,draincurrent,inputpower,andoutputpowershallnotexceedPD.
3. Whenoperatingatthisconditionwithabaseplatetemperatureof85°C,themediantimetofailure(MTTF)issignificantlyreduced.
4. TheseratingsapplytoeachindividualFET.
5. Junction operating temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintainedatthelowestpossiblelevels.
DC Specifications/Physical Properties
Symbol
Parameters and Test Conditions
Units
Value
Id
DrainSupplyCurrent(Vd=5V,VgsetforIdTypical)
mA
650
Vg
GateSupplyOperatingVoltage(Id(Q)=650(mA))
V
-.
Rqjc
ThermalResistance[6](Channel-to-BasePlate)
°C/W
20
Tch
ChannelTemperature
°C
50.6
Symbol
Parameters and Test Conditions
Units
Minimum
Typical
Maximum
Freq.
OperationalFrequency
GHz
6
8
Gain
Small-SignalGainS2[3,4]
dB
7.5(@Freq=8GHz)
5.5(@Freq=7GHz)
8
P-dB
OutputPoweratdB[3]
GainCompression[2]
dBm
28(@Freq=8GHz)
27(@Freq=7GHz)
28.5
P-3dB
OutputPowerat3dBGainCompression[3]
dBm
29.5
OIP3
ThirdOrderInterceptPoint;
∆f=00MHz;Pin=-20dBm
dBm
38
RLin
InputReturnLoss[2]
dB
3
RLout
OutputReturnLoss[2]
dB
9
Isolation
ReverseIsolation
dB
45
Notes:
.Small/large-signaldatameasuredinpackagedformona2.4mmconnecterbasedevaluationboardatTA=25°C.
2.Thisfinalpackagepartperformanceisverifiedbyafunctionaltestcorrelatedtoactualperformanceatoneormorefrequencies.
3.Specificationsarederivedfrommeasurementsina50Ωtestenvironment.Aspectsoftheamplifierperformancemaybeimprovedovera
narrowerbandwidthbyapplicationofadditionalconjugate,linearity,orpowermatching.
4.Preassemblyintopackageperformanceverified00%on-waferpublishedspecificationsatfrequencies=7,2,and7GHz.
RF Specifications[1,2,3,4]
TA=25°C,Vd=5V,Id(Q)=650mA,Zo=50Ω
Note:
6. AssumeSnPbsolderingtoanevaluationRFboardat80°Cbaseplatetemperatures.Worstcaseforthechanneltemperatureisunderthe
quiescentoperation.Atsaturatedoutputpower,DCpowerconsumptionrisesto4.26Wwith.4WRFpowerdeliveredtoload.Power
dissipationis3.Wandthetemperatureriseinthechannelis68.4°C.Inthiscondition,thebaseplatetemperaturemustberemainedbelow
86.6°Ctomaintainmaximumoperatingchanneltemperaturebelow55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com