Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3530 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3530
Description  Optical Mouse Designer?셲 Kit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3530 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-3530 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3530 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image

Texas Instrument MSP430F1222 Microcontroller
The Texas Instruments MSP430 family of ultra-low power
microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applica-
tions. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in
portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant
generators that attribute to maximum code efficiency.
The Digitally Controlled Oscillator (DCO) allows wake-
up from low-power modes to active mode in less than 6
µsec.
The specific device used in this reference design is the
MSP430F1222 with 28 pin to accommodate ample
amount of I/O. It is an ultra-low power mixed-signal mi-
crocontrollers with a built-in 16-bit timer, 10-bit A/D
converter with integrated reference and Data Transfer
Controller (DTC), and 14 (20 pin package) or 22 (28 pin
package) general purpose I/O pins. The MSP430x12x2
series microcontrollers have built-in communication ca-
pability using asynchronous (UART) and synchronous
(SPI) protocols. The architecture, combined with five low
power modes is optimized to achieve extended battery
life on wireless application.
Features
• Low Supply Voltage Range 1.8 V to 3.6 V
• Ultra Low-Power Consumption:
− Active Mode: 200 µA at 1 MHz, 2.2 V
− Standby Mode: 0.7 µA
− Off Mode (RAM Retention): 0.1 µA
• Five Power Saving Modes
• Wake-Up From Standby Mode in less than 6 µs
• 16-Bit RISC Architecture, 125 ns Instruction Cycle Time
• Basic Clock Module Configurations:
− Various Internal Resistors
− Single External Resistor
− 32-kHz Crystal
− High Frequency Crystal
− Resonator
− External Clock Source
• 16-Bit Timer_A With Three Capture/Compare Registers
• 10-Bit, 200-ksps A/D Converter With Internal
Reference, Sample-and-Hold, Autoscan, and Data
Transfer Controller
• Serial Communication Interface (USART0) With
Software-Selectable
Asynchronous
UART
or
Synchronous SPI
• Serial
Onboard
Programming,
No
External
Programming Voltage Needed Programmable Code
Protection by Security Fuse
• Supply Voltage Brownout Protection
• 4KB + 256B Flash Memory 256B RAM
• Available in 28-Pin Plastic SOWB, 28-Pin Plastic TSSOP,
and 32-Pin QFN Packages
For Complete Module Descriptions, See the TI
MSP430x1xx Family User’s Guide, Literature Number
SLAU049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com