Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RJ45 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RJ45
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RJ45 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RJ45 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RJ45 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Intensity Bin Select (X3X4)
Individual reel will contain parts from one half bin only
X3
Min IV Bin
X4
0
Full Distribution

 half bins starting from X1

 half bins starting from X1
4
4 half bins starting from X1
5
5 half bins starting from X1
6
 half bins starting from X
7
 half bins starting from X
8
4 half bins starting from X
9
5 half bins starting from X
Light Intensity (IV) Bin Limits
Bin ID
Intensity (mcd)
Min.
Max.
A1
0.11
0.14
A
0.14
0.18
B1
0.18
0.
B
0.
0.9
C1
0.9
0.6
C
0.6
0.45
D1
0.45
0.57
D
0.57
0.7
E1
0.7
0.90
E
0.90
1.10
F1
1.10
1.41
F
1.41
1.80
G1
1.80
.4
G
.4
.80
H1
.80
.55
H
.55
4.50
J1
4.50
5.70
J
5.70
7.0
K1
7.0
9.00
K
9.00
11.0
L1
11.0
14.0
L
14.0
18.00
M1
18.00
.50
M
.50
8.00
N1
8.00
6.00
N
6.00
45.00
P1
45.00
57.00
P
57.00
71.50
Q1
71.50
90.00
Q
90.00
11.00
R1
11.00
14.00
R
14.00
180.00
S1
180.00
7.00
S
7.00
85.00
Tolerance: ±15%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com