Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RF45 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RF45
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RF45 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RF45 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RF45 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Package Dimensions
0.8
0.45
LED Die
Resin
Lead
Frame
Cathode
Side
Device Selection Guide
Package Dimension (mm)
Die Technology
Colors
Parts per Reel
Package Description
1.6 (L) x 0.8 (W) x 0.45 (H)
AlInGaP
Red
4000
Untinted, Diffused
1.6 (L) x 0.8 (W) x 0.45 (H)
AlInGaP
Orange
4000
Untinted, Diffused
1.6 (L) x 0.8 (W) x 0.45 (H)
AlInGaP
Yellow Green
4000
Untinted, Diffused
1.6 (L) x 0.8 (W) x 0.45 (H)
AlInGaP
Amber
4000
Untinted, Diffused
Part Numbering System
A S M T - R X1 45 - X2 X3 X4 X5 X6
Packaging Option
Color Bin Selection
Max. Flux Bin
Min. Flux Bin
LED Chip Color



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com