Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-3550 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3550
Description  Low Power LED Integrated Slim Mouse Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3550 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3550 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
Pixel_Sum
Address: 0x09
Access: Read
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
AP7
AP6
AP5
AP4
AP3
AP2
AP1
AP0
Data Type: High 8 bits of an unsigned 17-bit integer
USAGE: This register is used to find the average pixel value. It reports the seven bits of a 16-bit counter, which sums
all pixels in the current frame. It may be described as the full sum divided by 512. To find the average pixel
value, use the following formula:
Average Pixel = Register Value * 128/121 = Register Value * 1.06
The maximum register value is 240. The minimum is 0. The pixel sum value can change on every frame.
Minimum_Pixel
Address: 0x0a
Access: Read
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
MP7
MP6
MP5
MP4
MP3
MP2
MP1
MP0
Data Type: Eight-bit number
USAGE: Minimum Pixel value in current frame. Minimum
value = 0, maximum value = 254. The minimum
pixel value can vary with every frame.
Pixel_Grab
Address: 0x0b
Access: Read/Write
Reset Value: Undefined
Bit
7
6
5
4
3
2
1
0
Field
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Data Type: Eight-bit word
USAGE: For test purposes, the sensor will read out the
contents of the pixel array, one pixel per frame.
To start a pixel grab, write anything to this reg-
ister to reset the pointer to pixel 0,0. Then read
the PIXRDY bit in the Motion register. When the
PIXRDY bit is set, there is valid data in this reg-
ister to read out. After the data in this register
is read, the pointer will automatically increment
to the next pixel. Reading may continue indefi-
nitely; once a complete frame’s worth of pixels
has been read, PIXFIRST will be set to high to
indicate the start of the first pixel and the ad-
dress pointer will start at the beginning loca-
tion again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com