Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEAT-6010 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-6010
Description  10 or 12 bit Angular Detection Device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-6010 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEAT-6010 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAT-6010 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-6010 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-6010 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Device Selection Guide [1]
Part Number
Resolution (bit)
Operating Temperature (°C)
Output Communication
DC Supply Voltage (V), VDD
AEAT-6012
12
-40 to +125
Serial
+5.0
AEAT-6010
10
-40 to +125
Serial
+5.0
Notes:
1. For other options of Magnetic Encoder, please refer to factory.
Table 1. Absolute Maximum Ratings [1, 2]
Parameter
Symbol
Limits
Units
Notes
DC Supply Voltage at pin VDD = 5V
VDD
-0.3 to + 7
V
Input Voltage
Vi
-0.3 to VDD+0.3
V
Storage Temperature
TSTG
-40 to 125
°C
Notes:
1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
2. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 2. Recommended Operating Condition
Parameter
Symbol
Values
Units
Notes
DC Supply Voltage at pin VDD = 5V
VDD
+4.5 / +5.5
V
Ambient Temperature
Tamb
–40 to +125
°C
Maximum Read-out Frequency
fCLK
≤1
MHz
>0 MHz
Table 3. DC Characteristics
DC Characteristics over Recommended Operating Range, typical at 25 °C
Parameter
Symbol
Condition
Values
Units
Notes
Min
Typ.
Max
VDD Supply Current
IDD
16
20
mA
Output High Voltage D0
VOH
VDD-0.5
V
Output Low Voltage D0
VOL
VSS+0.4
V
Output Current D0
IO
4
mA
VDD pin = 4.5V
Input High Voltage CLK, CSn
VIH
0.7*VDD
1
Input Low Voltage CLK, CSn
VIL
0.3*VDD
Notes:
1. CSn is internal pull-up.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com