Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMRS-2325 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMRS-2325
Description  Mobile Navigation Pad Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMRS-2325 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMRS-2325 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMRS-2325 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMRS-2325 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Dimensions
Figure 1. Navigation Pad Module dimensions
Reference Electrode Design
Figure 2. Electrodes Layout
All units are in mm unless specified
All tolerances are ±0.05 unless specified
PCB configurations:-
• 4 Layers FR4, thickness = 1.6mm
• 1oz copper
• Prepreg thickness = 0.014” (2-7628)
• Effective soldermask thickness = 25mm
4-PCB LOCATOR PIN
n15.0±0.05
BUTTON DIAMETER
(n15.0)
0.85±0.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com