Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-CW00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-CW00
Description  InGaN White, 0.4mm Low Profile Right Angle Surface Mount ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-CW00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-CW00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

Device Selection Guide
Package Dimension (mm)
Parts per Reel
Package Description
1.6 (L) x 1.0 (W) x 0.4 (H)
4000
Untinted, Non-diffused
Absolute Maximum Ratings at TA = 25°C
Parameter
ASMT-CW00
Unit
DC Forward Current [1]
10
mA
Power Dissipation
3
mW
Reverse Voltage (IR = 100μA)
5
V
LED Junction Temperature
95
°C
Operating Temperature Range
-30 to +85
°C
Storage Temperature Range
-40 to +85
°C
Soldering Temperature
See reflow soldering profile (Figure 8 & 9)
Note:
1. Derate linearly as shown in Figure 4.
Electrical Characteristics at TA = 25°C
Part Number
Forward Voltage
VF (Volts) [1] @ IF = 5mA
Reverse Breakdown
VR (Volts) @ IR = 100μA
Thermal Resistance
R
θJ-PIN (°C/W)
Min.
Max.
Minimum
Typical
ASMT-CW00
.55
3.15
5
450
Notes:
1. Vf tolerance :
±0.1V
Optical Characteristics at TA = 25°C
Part Number
Luminous Intensity IV [1] (mcd) @ 5mA
Color Chromaticity[2]
Viewing Angle 2
θ1/2 [3] (Degrees)
Min.
Typ.
Bin
Typical
ASMT-CW00
18
35
A1 – D (Refer to Figure 1)
170
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the LED
package.
2. The chromaticity coordinates are derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is ½ the peak intensity.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com