Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-5620 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5620
Description  6 20 GHz High Gain Amplifier in SMT Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5620 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5620 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5620 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Table 1. Absolute Maximum Ratings [1]
Symbol
Parameters and Test Conditions
Unit
Minimum
Maximum
Vdd
Positive Drain Voltage
V
-
7.5
Idd
Total Drain Current
mA
-
35
Pdc
DC Power Dissipation
W
-
.0
Pin
RF CW Input Power
dBm
-
20
Tch
Operating Channel Temperature
°C
-
+50
Tstg
Storage Case Temperature
°C
-65
+50
Tmax
Maximum Assembly Temperature (20 sec max)
°C
-
+260
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
The absolute maximum ratings for Vdd, Idd, Pdc and Pin were determined at an ambient temperature of 25°C unless noted otherwise.
Table 2. DC Specifications [1]
Symbol
Parameters and Test Conditions
Unit
Minimum
Typical
Maximum
Vdd
Recommended Drain Supply Voltage
V
-
5
-
Idd
Total Drain Supply Current
mA
70
95
30
qch-b
Thermal Resistance [2]
°C/W
-
28
-
Notes:
1. Ambient operation temperature TA = 25°C unless otherwise noted.
2. Channel-to-board Thermal Resistance is measured using Infrared Microscopy method.
Table 3. RF Specifications [2,3] (TA = 25°C, Freq = 18GHz, Vdd = 5V, Idd = 95mA)
Symbol
Parameters and Test Conditions
Unit
Minimum
Typical
Maximum
|S2|2
Small signal Gain [,4]
dB
5.5
7.5
9.5
RLin
Input Return Loss
dB
-
.5
-
RLout
Output Return Loss
dB
-
.6
-
|S2|2
Reverse Isolation
dB
-
-43.0
-
PdB
Output Power at dB Gain Compression
dBm
-
4.8
-
OIP3
Output 3rd Order Intercept Point
dBm
-
22.5
-
NF
Noise Figure [,4]
dB
-
5.
7.0
Notes:
1. Typical value determined from a sample size of 500 parts from 2 wafers.
2. Small/large signal data measured in a fully de-embedded test fixture at TA = 25 degree Celsius.
3. Specifications are derived from measurements in a 50 Ohm test environment. Aspects of the amplifier performance may be improved over a
narrower bandwidth by application of additional conjugate, linearity, or low noise matching.
4. All tested parameters guaranteed with measurement accuracy ± 0.5 dB for NF and ± 1.0 dB for gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com