Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9005 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9005
Description  Miniature Surface-Mount Ambient Light Photo Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9005 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9005 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9005 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image

Ordering Information
Part Number
Packaging Type Package
Quantity
APDS-9005-00
Tape and Reel
6-pins Chipled package 500
Typical Application Circuit
Component
Recommended Application Circuit Component
RLOAD
k ohm
Figure 1. Typical application circuit for APDS-9005
Recommended Operating Conditions
Parameter
Symbol Min.
Max.
Units
Conditions
Supply Voltage
VCC
.8
5.5
V
Absolute Maximum Ratings
Forimplementationswherecasetoambientthermalre-
sistanceis≤50°C/W
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-40
85
°C
Operating temperature
TA
-40
85
°C
Supply Voltage
VCC
0
6
V
CAUTIONS:Itisadvisedthatnormalstaticprecautionsbetakeninhandlingandassembly
ofthiscomponenttopreventdamageand/ordegradationwhichmaybeinducedbyESD
Figure 2. Relative Spectral Response Vs Wavelength
Normalized sensor spectral response
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
300
400
500
600
700
800
900 1000 1100
wavelength (nm)
APDS-9005
EyeResponse
I/O Pins Configuration Table
Pin
Symbol
Description

VCC
VCC

NC
No Connect
3
NC
No Connect
4
Nc
No Connect
5
NC
No Connect
6
Iout
Out
Note:
RefertoFigure11forGeneralLuminanceVsTypicalOutputVoltagefor
differentRLOADvalues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com