Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STO-0509300-R-E1 Datasheet(PDF) 1 Page - Eravant

Part # STO-0509300-R-E1
Description  G-Band VNA Frequency Extender
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

STO-0509300-R-E1 Datasheet(HTML) 1 Page - Eravant

  STO-0509300-R-E1 Datasheet HTML 1Page - Eravant STO-0509300-R-E1 Datasheet HTML 2Page - Eravant STO-0509300-R-E1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Advanced 1.4
STO-0509300-R-E1
G-Band VNA Frequency Extender
Receive (Rx) Module, 6.25 to 9.17 GHz Input
STO-0509300-R-E1 is a compact G-Band vector network
analyzer (VNA) frequency extender receive (Rx) module that
extends lower frequency VNA signals to 150 to 220 GHz. It
is compatible with modern vector network analyzers such as
Rohde & Schwarz ZNA, Anritsu VectorStar™, Keysight PNA-X
Series, and Copper Mountain CobaltFx. The VNA needs dual
sources to be extended. This frequency extender can be used
to measure one-path transmission (S21 or S12) through DUT
when paired with compatible transmitter. When Rx module is
paired with Tx/Rx module, the setup can be used to measure
reflection at input of DUT and transmission through DUT. An AC
to DC Power adapter and
Proxi-Flange™ Contactless Flanges
(STQ-WG-05010-FB-CF and STQ-WG-05025-FB-CF), are
included. The Eravant calibration kit (
STQ-TO-05-S1-CKIT1)
and
Wave-Glide™ Rail System (STQ-TL-RW-S10-M1) are
highly recommended to complete the G-Band VNA test set. VNA
extender is packaged individually in a rugged equipment box
with additional hardware and tools.
Parameter
Minimum
Typical
Maximum
Frequency Range
150 GHz
220 GHz
Input Attenuation Control Range
30 dB
Test Port Input Power (Damage)*
+10 dBm
Dynamic Range** @ 10 Hz BW
90 dB
Test Port Match
20 dB
LO Source Input Frequency (RF±IF)
6.25 GHz
9.17 GHz
LO Source Input Power
-3 dBm
0 dBm
+3 dBm
IF Frequency Range
10 MHz
1000 MHz
Multiplication Factor
24
Specification Temperature
+20 ˚C
+30 ˚C
Operating Temperature
0 ˚C
+50 ˚C
Electrical Specifications
ECCN
• 3A001.b.7
FEATURES
• Full Band Coverage
• Dynamic Range of 90 dB
• AC Power Input: 100 to 240 VAC
APPLICATIONS
• VNA Frequency Extension
• OTA Measurements
• Test Lab Instrumentation
RECOMMENDED PAIRINGS
• Cal Kit: STQ-TO-05-S1-CKIT1
• Waveguide Quick Connects
• Cable: SCW-SMSM040-F1-A-PM
RECOMMENDED RESOURCES
• Contactless WG Flange & mmW-
THz Test Setup Applications
• VNA Extender Configuration Guide
• VNA Extenders & Cal Kits
*Max input power is specified when attenuation level is minimum. Increasing
attenuation level will increase power handling.
**Measured with compatible Tx/Ref or Tx/Rx module.
www.eravant.com | 424-757-0168 | support@eravant.com
1/3
Copyright © 2023 by Eravant


Similar Part No. - STO-0509300-R-E1

ManufacturerPart #DatasheetDescription
logo
Eravant
STO-0509300-T-E1 ERAVANT-STO-0509300-T-E1 Datasheet
732Kb / 3P
G-Band VNA Frequency Extender
Advanced 1.3
More results

Similar Description - STO-0509300-R-E1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FE-1000CW FUJITSU-FE-1000CW Datasheet
293Kb / 6P
Cat5 Wide Band Extender
FE-2000CW FUJITSU-FE-2000CW Datasheet
387Kb / 6P
Cat5 Wide Band Extender
logo
WALSIN TECHNOLOGY CORPO...
TFCPL0605B24508Q1C WALSIN-TFCPL0605B24508Q1C Datasheet
648Kb / 8P
2.4GHz Band Frequency
logo
PHOENIX CONTACT
1319322 PHOENIX-1319322 Datasheet
1Mb / 19P
Ethernet extenders - EXTENDER 2010 ETH TP-G
Nov 3, 2022
1319319 PHOENIX-1319319 Datasheet
1Mb / 17P
Ethernet extenders - EXTENDER 1010 ETH COAX-G
Nov 3, 2022
1319320 PHOENIX-1319320 Datasheet
1Mb / 18P
Ethernet extenders - EXTENDER 2010 ETH COAX-G
Nov 3, 2022
1319321 PHOENIX-1319321 Datasheet
1Mb / 19P
Ethernet extenders - EXTENDER 1010 ETH TP-G
Nov 3, 2022
logo
Mini-Circuits
FX-30G-RC MINI-FX-30G-RC Datasheet
988Kb / 10P
Frequency Extender
Rev. OR
FX-30GHP-RC MINI-FX-30GHP-RC Datasheet
948Kb / 10P
Frequency Extender
Rev. A
logo
Transko Electronics, In...
TD457AK2 TRANSKO-TD457AK2 Datasheet
558Kb / 5P
CDMA450 G-Band, SAW DUPLEXER
Revision 1: May 2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com