Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9103 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9103
Description  Integrated Reflective Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9103 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9103 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9103 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9103 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9103 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9103 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9103 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Max Rating
Unit
Input Diode
Power Dissipation
PD
75
mW
Peak Forward Current
( 300pps, 0 μs pulse)
ICP

A
Continuous Forward Current
IF
60
mA
Reverse Voltage
VR
5
V
Output Phototransistor
Power Dissipation
Pc
00
mW
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
5
V
Collector Current
IC
20
mA
Operating Temperature Range
TOP
-25˚C to +85˚C
Storage Temperature Range
TSTG
-40˚C to +00˚C
Lead Soldering Termperature
(.6mm(0.063 ”) Form Case)
TS
260˚C for 5 seconds
Electrical / Optical Characteristics (Ta=25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Diode
Forward Voltage
VF
.2
.6
V
IF=20mA
Reverse Current
IR
00
μA
VR= 5V
Output Phototransistor
Collector-Emitter Dark Current
ICEO
00
nA
VCE= 0V
Coupler
Collector-Emitter Saturation Voltage
VCE(SAT)
0.4
V
IC= 0.05mA
IF= 20mA
On State Collector Current
IC(ON)
00
300
μA
VCE= 5V
IF= 20mA
D = 3.0mm
BIN A
IC(ON)
260
650
μA
BIN B
IC(ON)
400
200
μA
BIN C
Response Time (Rise Time)
TR
3
5
μs
VCE= 5V
IC= 2mA
RL= 00Ω
Response Time(Fall Time)
TF
4
20
μs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com