Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDL-6270 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-6270
Description  High Performance Silicon NPN Phototransistor in Dark T-1쩐 Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-6270 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-6270 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-6270 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-6270 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-6270 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Ordering Information
Part Number
Lead Form
Color
Packaging
Shipping Option
ASDL-670-D
ASDL-670-D3
Straight
Dark
Tape & Reel
Bulk
4000pcs
8000pcs / Carton
Notes:
1. All dimensions are in millimeters (inches)
2. Tolerance is + 0.25mm (.010”) unless otherwise noted
3. Protruded resin under flange is 1.5mm (.059”) max
4. Lead spacing is measured where leads emerge from package
5. Specifications are subject to change without notice.
Package Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com