Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-M015 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-M015
Description  Collimator Lens Option for Power LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-M015 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-M015 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-M015 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-M015 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-M015 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-M015 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image

Note:
1. Alldimensionsinmillimeters.
2. Thecollimatorrimperipheralssurfacecanbeuseasapressfittingfeaturetosupportthecollimator.
3. Thelightsourcemustbeprotectedfromanyaxialorlateralloadscausebythecollimator.
4. ThecollimatorismoldedfromopticalgradeAcrylic.Donotsubjectthecollimatortotemperaturegreaterthan75ºCasitmaydeform.
Device Selection Guide
Part Number
Collimating Angle, Degree (°)
Typ
ASMT-M006
6
ASMT-M05
5
ASMT-M030
30
ASMT-M006 (6° beam)
ASMT-M015 (15° beam)
ASMT-M030 (30° beam)
Collimator Lens Dimension
Radiation Pattern
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90 -70 -50 -30 -10
10
30
50
70
90
Off-Axis Angle (°)
Radiation Pattern
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90 -70 -50 -30 -10
10
30
50
70
90
Off-Axis Angle (°)
Radiation Pattern
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90 -70 -50
-30 -10
10
30
50
70
90
Off-Axis Angle (°)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com