Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-5030 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5030
Description  Low Power Optical Mouse Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5030 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-5030 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5030 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image

Pinout of ADNS-5030 Optical Mouse Sensor
Figure 1. Package outline drawing (top view).
Pin
Name
Description
1
MISO
Serial Data Output
(Master In/Slave Out)
2
XY_LED
LED Control
3
NRESET
Reset Pin (active low input)
4
NCS
Chip Select (active low input)
5
SCLK
Serial Clock Input
6
GND
Ground
7
VDD3
Supply Voltage
8
MOSI
Serial Data Input
(Master Out/Slave In)
Figure 2. Package outline drawing.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which
may be induced by ESD.
4.32
(0.170)
9.10
(0.358)
12.85 ± 0.45
(0.506 ± 0.018)
NOTES:
1. � DIMENSIONS IN MILLIMETERS (INCHES).
2. � DIMENSIONAL TOLERANCE: ± 0.1 mm.
3. � COPLANARITY OF LEADS: 0.1 mm.
4. � CUMULATIVE PITCH TOLERANCE: ± 0.15 mm.
5. � LEAD PITCH TOLERANCE: ± 0.15 mm.
6. � MAXIMUM FLASH: + 0.2 mm.
7. � LEAD WIDTH: 0.5 mm.
8. � ANGULAR TOLERANCE: ± 3.0 .
(AT LEAD TIP)
12.85
(0.506)
(AT SHOULDER)
0.25
(0.010)
PIN 1
9.90
(0.390)
0.50
(0.020)
LEAD WIDTH
1.00
(0.039)
LEAD OFFSET
2.00
(0.079)
LEAD PITCH
4.45
(0.175)
2.00
(0.079)
PIN 1
4.55
(0.179)
5.60
(0.220)
(AT BASE)
∅
5.00
(0.197)
PROTECTIVE
KAPTON TAPE
Æ
0.80
(0.031)
CLEAR OPTICAL
PATH
Æ
5.15
(0.203)
90 ± 3
A5030 XYYWWZ
5 SCLK
6 GND
7 VDD3
8 MOSI
4 NCS
3 NRESET
2 XY_LED
1 MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com