Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6233 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6233
Description  18 to 32 GHz GaAs Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6233 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6233 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6233 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image

Absolute Maximum Ratings (1)
DC Specifications/ Physical Properties (2)
AMMP-6233 RF Specifications (4,5,6)
TA=25
°C,Vdd=3.0V,Idd=65mA,Zin=Zo=50Ω
Sym
Parameters/Condition
Unit
Max
Vd
DraintoGroundVoltage
V
5.5
Id
DrainCurrent
mA
100
Pin
RFCWInputPowerMax
dBm
10
Tch
Maxchanneltemperature
C
+150
Tstg
Storagetemperature
C
-65+150
Tmax MaximumAssemblyTemp
C
260for20s
Sym
Parameter and Test
Condition
Unit
Min Typ
Max
Idd
DrainSupplyCur-
rentunderanyRF
powerdriveandtemp.
(Vdd=3.0V)
mA
40
65
90
Vd
DrainSupplyVoltage
V
3
5
qjc
ThermalResistance(3)
C/W
27
Symbol
Parameters and Test Conditions
Freq
Units
Min.
Typ.
Max.
Freq
OperationalFrequency
GHz
18
32
Gain
RFSmallSignalGain
18GHz
dB
19
23.2
26GHz
dB
20.8
24.4
29GHz
dB
20
23.6
NF
NoiseFigureinto50
Ω
18GHz
dB
2.6
3.6
26GHz
dB
2.2
3.2
29GHz
dB
2.6
3.5
Rlin
InputReturnLoss
dB
-10
Rlout
OutputReturnLoss
dB
-13
Iso
Isolation
dB
-45
P1dB
OutputPowerat1dBgaincompression
dBm
8
OIP3
OutputThirdOrderInterceptPoint
dBm
18
Notes:
4. Small/Large-signaldatameasuredinafullyde-embeddedtestfixtureformTA=25°C.
5. Specificationsarederivedfrommeasurementsina50
Ωtestenvironment.Aspectsoftheamplifierperformancemaybeimprovedoveranar-
rowerbandwidthbyapplicationofadditionalconjugate,linearity,orlownoise(Gopt)matching.
6. Alltestedparametersguaranteedwithmeasurementaccuracy+/-0.5dBforNFand+/-1dBforgainat18GHz,26GHzand+/-1.5dBforgainat
29GHz.
Notes:
2. AmbientoperationaltemperatureTA=25
°Cunlessnoted
3. Channel-to-backsideThermalResistance(Tchannel=34
°C)asmea-
suredusinginfraredmicroscopy.ThermalResistanceatbackside
temp.(Tb)=25
°Ccalculatedfrommeasureddata.
Notes:
1. Operationinexcessofanyoftheseconditionsmayresultinper-
manentdamagetothisdevice.Theabsolutemaximumratingsfor
Vd,IdandPinweredeterminedatanambienttemperatureof25°C
unlessnotedotherwise.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com