Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-LD15 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LD15
Description  Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LD15 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LD15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LD15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package
2. The tolerance for intensity limit is ±15%
3. The optical axis is closely aligned with the package mechanical axis
4. The dominant wavelength,
λd, is derived from the Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide
Note:
1. Dimension in millimeters (inches).
2. Tolerance is ±0.2mm unless otherwise noted.
3. For InGaN Blue and Green (package B), if heat-sinking application is required, the terminal for heat sink is anode.
A
B
6.3
0.248
9.65
0.380
3.7
0.146
1.25
0.049
21.0
0.827 MIN.
MAX. EPOXY MENISCUS
CATHODE LEAD
MIN.
1.0
0.038
2.9
0.114
0.4±0.1
0.016±0.004
2.54±0.3
0.100±0.012
0.45±0.10
0.018±0.004
0.8
0.016
0.45±0.10
0.018±0.004
1.0MIN.
0.038
2.54±0.3
0.100±0.012
0.4±0.1
0.016±0.004
0.016
9.10±0.20
0.358±0.008
1.25±0.20
0.049±0.008
21.0MIN.
0.827
6.4±0.2
0.252±0.008
2.4±0.2
.094±.008
CATHODE LEAD
0.8MAX. EPOXY MENISCUS
3.87±0.2
0.152±0.008
Part Number
Color and Dominant
Wavelength
λd (nm) Typ.
Luminous Intensity Iv
(mcd) at 20 mA
Tinting Type
Package Drawing
Min
Max
HLMP-LD15-MQTxx
Red 630
520
1500
Red
A
HLMP-LD15-NRTxx
Red 630
680
1900
Red
A
HLMP-LM17-SV0xx
Green 525
1900
5500
Green
B
HLMP-LB17-LP0xx
Blue 470
400
1150
Blue
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com