Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AD85 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD85
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD85 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AD85 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
�
Package Dimensions
��OTES:
DimensionsinMillimeters(Inches)
For�lueandGreenifheat-sinkingapplicationisrequired,theterminalforheatsinkisanode.
A
B
3.8±0.2
.150±.008
11.50±0.20
0.453±.008
8.70±0.20
0.342±.008
5.20±0.20
0.205±.008
0.50±0.10
0.020±0.004
1.0MIN.
0.038
2.54±0.3
0.100±0.012
0.40±0.10
0.016±0.00
1.25±0.20
0.049±0.008
24.00
0.945
0.8MAX. Epoxy
0.032
Measured at base of lens
CATHODE LEAD
8.70±0.20
.342±.008
5.20±0.2
.205±.008
3.80±0.20
.150±.008
0.50±0.10
0.020±0.004
1.0MIN.
0.038
2.54±0.3
0.100±0.012
0.4±0.1
0.016±0.00
24.00MIN.
0.945
0.8MAX. Epoxy Meniscus
.016.
Measured at base of lens
CATHODE LEAD
NOTE 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com