Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5024 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5024
Description  30 KHz-40GHz Traveling Wave Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5024 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
AMMC-5024 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Idss
SaturatedDrainCurrent(Vdd=7V,Vg1=0V,Vg2=opencircuit)
mA
265
350
385
Vp
FirstGatePinch-offVoltage(Vdd=7V,Idd=30mA,Vg2=opencircuit)
V
-8.2
Vg2
SecondGateSelf-biasVoltage(Vdd=7V,Idd=200mA,Vg2=opencircuit)
V
2.75
Idsmin
FirstGateMinimumDrainCurrent
mA
47
(Vg1)
(Vdd=7V,Vg1=-7V,Vg2=opencircuit)
Idsmin
SecondGateMinimumDrainCurrent
mA
105
(Vg2)
(Vdd=7V,Vg1=0V,Vg2= -3.5V)
θch-b
ThermalResistance[2](Backsidetemperature,Tb=25°C)
°C/W
52
RF Specifications for High Gain and Low Power Applications[2,3] (Vdd=4V,Idd(Q)=160mA,Zin=Zo=50Ω
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S21|2
Small-signalGain
dB
17.5
∆|S21|2
Small-signalGainFlatness
dB
±1.5
RLin
MinimumInputReturnLoss
dB
13
RLout
MinimumOutputReturnLoss
dB
13
|S12|2
Isolation
dB
30
P-1dB
OutputPower@1dBGainCompression
f=22GHz
dBm
17.3
Psat
SaturatedOutputPower
f=22GHz
dBm
20.5
OIP3
Output3rdOrderInterceptPoint,
dBm
22.5
Rfin1=Rfin2=2dBm, f=22GHz,∆f=2MHz
NF
NoiseFigure
f=26GHz
dB
3.7
f=40GHz
dB
5.5
Notes:
1.BacksidetemperatureTb=25°Cunlessotherwisenoted.
2. Datameasuredinwaferform,Tchuck=25°C
3. 100%on-waferRFtestisdoneatfrequency=2,10,20,30and40GHz,exceptasnoted.
RF Specifications for High Power Applications[2,3] (Vdd=7V,Idd(Q)=200mA,Zin=Zo=50Ω
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S21|2
Small-signalGain
dB
14
16
18
∆|S21|2
Small-signalGainFlatness
dB
±0.75
±2
RLin
InputReturnLoss
dB
12
16.9
RLout
OutputReturnLoss
dB
10
16.8
|S12|2
Isolation
dB
26
28
P-1dB
OutputPower@1dBGainCompression
f=22GHz
dBm
21
22.5
Psat
SaturatedOutputPower
f=22GHz
dBm
23
24.5
OIP3
Output3rdOrderInterceptPoint,
dBm
27
30
Rfin1=Rfin2=2dBm, f=22GHz,∆f=2MHz
NF
NoiseFigure(Vds=3V,Ids=140mA)
f=26GHz
dB
4.6
6.5
f=40GHz
dB
7.2
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com