Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-AD85-RU000 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD85-RU000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD85-RU000 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AD85-RU000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD85-RU000 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For pro��ct information an� a complete list of �istrib�tors�� please go to o�r web site:
www.avagotech.com
Avago�� Avago Technologies�� an� the A logo are tra�emarks of Avago Technologies�� Pte. in the Unite� States an� other co�ntries.
�ata s�bject to change. Copyright © 2006 Avago Technologies Pte. All rights reserve�. Obsoletes AV01-0304�N
AV02-0388�N - J�ly 11�� 2007
DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR SALE AS
PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OPERATION OF A NUCLEAR
FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE
CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.
Acronyms and Definition:
�I��:
(i) ColorbinonlyorVFbinonly
(Applicableforpartnumberwithcolorbinsbutwithout
VFbinORpartnumberwithVFbinsandnocolorbin)
OR
(ii)ColorbinincorporatedwithVF�in
(Applicableforpartnumberthathavebothcolorbin
andVFbin)
(ii)Avago�abyLabel(Onlyavailableonbulkpackaging)
Example:
(i) ColorbinonlyorVFbinonly
�I��:�(representcolorbin�only)
�I��:V�(representVFbin“V�”only)
(ii)ColorbinincorporatewithVF�in
�I��:�V�
V�:VFbin“V�”
�:Colorbin�only
PART #: Part Number
LOT#: Lot Number
MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e1 max temp 250C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com