Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C16X Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C16X
Description  Miniature Bi-Color Surface Mount ChipLEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C16X Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C16X Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMF-C16X Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
Absolute Maximum Ratings for Each Die at TA = 25˚C
Parameter
AlInGaP
InGaN
GaP
Units
DC Forward Current[1]
20
10
20
mA
Power Dissipation
48
38
52
mW
Reverse Voltage
5
5
5
V
LED Junction Temperature
95
95
95
˚C
Operating Temperature Range
–30 to +85
˚C
Storage Temperature Range
–40 to +85
˚C
Soldering Temperature
See reflow soldering profile (Figure 6 & 7)
Note:
1. Derate linearly as shown in Figure 4.
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
1.6
(0.063 )
0.16 (0.006)
0.5 (0.020)
0.4
(0.016)
LED DIES
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINALS
0.8 (0.031)
CATHODE LINE
0.3 (0.012)
CATHODE LINE
1
2
3
4
POLARITY
1
3
HSMF-C162
AMBER
2
4
RED
HSMF-C163
GREEN
RED
HSMF-C164
BLUE
RED
HSMF-C165
GREEN
RED
HSMF-C166
GREEN
YELLOW
HSMF-C167
GREEN
ORANGE
HSMF-C168
BLUE
GREEN
HSMF-C169
BLUE
AMBER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com