Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-SL11 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-SL11
Description  4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-SL11 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-SL11 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-SL11 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity,
Wavelength
λd
Iv(mcd)
Leads with
Leadframe
Package
Part Number
(nm) Typ.
Min.
Stand-Offs
Orientation
Drawing
HLMP-SL11-H0000
Amber 592
180
Yes
Perpendicular
A
HLMP-RL11-H0000
Amber 592
180
Yes
Parallel
B
HLMP-SD11-J0000
Red 630
240
Yes
Perpendicular
A
HLMP-RD11-J0000
Red 630
240
Yes
Parallel
B
Package Dimensions
Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity,
Wavelength
λd
Iv(mcd)
Leads with
Leadframe
Package
Part Number
(nm) Typ.
Min.
Stand-Offs
Orientation
Drawing
HLMP-RB11-D0000
Blue 472
65
Yes
Parallel
B
HLMP-RB11-H0000
Blue 472
180
Yes
Parallel
B
HLMP-RM11-H0000
Green 526
180
Yes
Parallel
B
HLMP-RM11-M0000
Green 526
520
Yes
Parallel
B
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.020)
CATHODE
LEAD
A
∅
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.00
(0.827)
MIN.
1.00
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.020)
CATHODE
LEAD
B
∅
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.00
(0.827)
MIN.
1.00
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
DIMENSIONS ARE IN MILLIMETERS (INCHES).
0.44 ± 0.20
(0.017 ± 0.008)
0.44 ± 0.20
(0.017 ± 0.008)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com