Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMX-C660 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMX-C660
Description  Right Angle Surface Mount Chip LEDs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMX-C660 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMX-C660 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMX-C660 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AbsoluteMaximumRatingsatTA=25°C
Parameter
HSMx-C660
Units
DC Forward Current[1]
25
mA
Power Dissipation
65
mW
Reverse Voltage (IR = 100 µA)
5
V
Operating Temperature Range
–30 to +85
°C
Storage Temperature Range[2]
–40 to +100
°C
Notes:
1. Derate linearly as shown on Figure 4.
OpticalCharacteristicsatTA=25°C
Luminous
Color
Viewing
Luminous
IntensityIv
Peak
Dominant
Angle
Efficacy
(mcd)@
Wavelength
Wavelength
2θ1/2
ηv
IF=20mA
λpeak(nm)
λd[1](nm)
(degrees)[2] (lm/W)
PartNo.
Color
Min. Typ.
Typ.
Typ.
Typ.
HSMH-C660
DH AlGaAs
6.3
16.0
650
639
155
80
Red
HSMS-C660
High
Efficiency
1.6
5.0
639
626
155
145
Red
HSMY-C660
Yellow
1.6
5.0
589
586
155
500
HSMG-C660
Green
4.0
9.0
570
572
155
595
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the
LED package.
2. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3.
θ1/2 is the off-axis angle where the luminous intensity is ½ the peak intensity.
ElectricalCharacteristicsatTA=25°C
Forward
Reverse
VoltageVF
Breakdown
CapacitanceC
Thermal
(Volts)@
VR(Volts)@
(pF)VF=0,
Resistance
IF=20mA
IR=100µA
f=1MHz
RθJ-PIN(°C/W)
PartNo.
Color
Typ. Max.
Min.
Typ.
HSMH-C660
DH AlGaAs
1.8
2.2
5
4.5
300
Red
HSMS-C660
High
Efficiency
1.9
2.6
5
4.0
300
Red
HSMY-C660
Yellow
2.1
2.6
5
3.0
300
HSMG-C660
Green
2.2
2.6
5
8.0
300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com