Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFBR-RUS500Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-RUS500Z
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-RUS500Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-RUS500Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-RUS500Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Compatible with Avago Versatile Link family of
connectors and fiber optic components
•1 mm diameter Plastic Optical Fiber (POF) in two
grades: low cost standard POF with 0.22 dB/m typical
attenuation, or high performance extra low loss POF
with 0.19 dB/m typical attenuation
Applications
• Industrial data links for factory automation and plant
control
• Intra-system links; board-to-board, rack-to-rack
• Telecommunications switching systems
• Computer-to-peripheral data links, PC bus extension
• Proprietary LANs
• Digitized video
• Medical instruments
• Reduction of lightning and voltage transient
susceptibility
• High voltage isolation
Figure 1. Typical POF attenuation vs. wavelength.
620
500
100
λ – WAVELENGTH – nm
660
300
400
680
640
700
200
Cable Description
The HFBR-R/EXXYYYZ series of plastic fiber optic
cables are constructed of a single step-index fiber
sheathed in a black polyethylene jacket. The duplex
fiber consists of two simplex fibers joined with a
zipcord web.
Standard attenuation and extra low loss POF cables
are identical except for attenuation specifications.
Polyethylene jackets on all plastic fiber cables comply
with UL VW-1 flame retardant specification (UL file #
E89328).
Cables are available in unconnectored or connectored
options. Refer to the Ordering Guide for part number
information.
HFBR-RXXYYYZ Series (POF)
HFBR-EXXYYYZ Series (POF)
Plastic Optical Fiber Cable and Accessories
for Versatile Link
Data Sheet


Similar Part No. - HFBR-RUS500Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-RUS015 HP-HFBR-RUS015 Datasheet
272Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUS015 AVAGO-HFBR-RUS015 Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-RUS15D HP-HFBR-RUS15D Datasheet
272Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-RUS500Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
Plastic Optical Fiber Cable and Accessories for Versatile Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com