Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-4271 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-4271
Description  High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-4271 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-4271 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-4271 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-4271 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-4271 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Reference
Operating Temperature
TO
-40
85
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
Forward Voltage
VF
-1.2
1.4
1.5
1.7
VIFDC=20mA
IFDC=100mA
Figure 2
Figure 3
Forward Voltage
Temperature Coefficient
∆V/∆T
--1.0
-
mV/°C
IFDC=100mA
Figure 4
Series Resistance
RS
-2
-
Ohms
IFDC=100mA
Diode Capacitance
CO
-25
-
pF
VR=0V,
f=1MHz
Thermal Resistance,
Junction to Ambient
R
θ
ja
-
310
-
°C/W
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
Radiant On-Axis Intensity
IE
25
50
-
mW/Sr
ILED=100mA
Figure 4
Radiant On-Axis Intensity
Temperature Coefficient
∆I
E/
∆T
-
-
-0.3
-0.5
-%/°C
ILED=100mA
Viewing Angle
2
θ
1/2
-30
-
°
Figure 7
Peak Wavelength
λ
pk
-
940
-
nm
Figure 1
Spectral Width
∆λ
-50
-
nm
ILED=20mA
Figure 1
Optical Rise and Fall Time
tr/tf
-1.3
-
us
ILED=100mA
Absolute Maximum Ratings at 25
°°°°°C
Parameter
Symbol
Minimum
Maximum
Unit
Reference
Peak Forward Current
IFPK
-
350
mA
Duty cycle = 20%
period = 200us
Forward Current
IFDC
-100
mA
Power Dissipation
PDISS
-
200
mW
Reverse Voltage
VR
5-
V
IR=100uA
Storage Temperature
TS
-40
100
°C
LED Junction Temperature
TJ
110
°C
Lead Soldering Temperature
260 for 5 sec
°C
Notes:
1. Derate as shown in Figure 6.
Electrical Characteristics at 25
°°°°°C
Optical Characteristics at 25
°°°°°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com