Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RST4L-RKT4L-995SW Datasheet(PDF) 1 Page - Belden Inc.

Part # RST4L-RKT4L-995SW
Description  M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RST4L-RKT4L-995SW Datasheet(HTML) 1 Page - Belden Inc.

  RST4L-RKT4L-995SW Datasheet HTML 1Page - Belden Inc. RST4L-RKT4L-995SW Datasheet HTML 2Page - Belden Inc. RST4L-RKT4L-995SW Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RST 4L-RKT 4L-995 SW
M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin,
L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
Product Description
M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; TPE black cable, 1.50 mm²
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended


Similar Part No. - RST4L-RKT4L-995SW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RST4L-RKT4L-993SW BELDEN-RST4L-RKT4L-993SW Datasheet
552Kb / 4P
M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; PVC black cable, 1.50 mm²
RST4L-RKT4L-996SW BELDEN-RST4L-RKT4L-996SW Datasheet
545Kb / 3P
M12 Power Double-Ended Cordset: Male straight to Female straight, 4-pin, L-coded, black body, 50 V AC/60 V DC, 16 A; TPE yellow cable, 1.50 mm²
More results

Similar Description - RST4L-RKT4L-995SW

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200800406 MOLEX-1200800406 Datasheet
27Kb / 2P
Ultra-Lock (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 2.0m (6.56) Length
08/30/2022
1200660696 MOLEX-1200660696 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 12.0m (6.56) Length
01/31/2023
1200660698 MOLEX-1200660698 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 18.0m (59.05) Length
02/01/2023
1200660699 MOLEX-1200660699 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 23.0m (75.46) Length
02/13/2023
1200660700 MOLEX-1200660700 Datasheet
43Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 30.0m (98.40) Length
01/31/2023
1200660701 MOLEX-1200660701 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 22 AWG, TPE Cable, 61.0m (200.13) Length
02/01/2023
1200660905 MOLEX-1200660905 Datasheet
42Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 14.0m (13.12) Length
02/01/2023
1200660907 MOLEX-1200660907 Datasheet
42Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 16.0m (52.49) Length
02/14/2023
1200660908 MOLEX-1200660908 Datasheet
49Kb / 2P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 17.0m (55.76) Length
02/01/2023
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com