Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9003 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9003
Description  Miniature Surface-Mount Ambient Light Photo Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9003 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9003 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9003 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Typical Application Circuit
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-40
85
°C
Supply Voltage
VCC
06V
Pin
Symbol
Description
1VCC
VCC
2NC
No Connect
3NC
No Connect
4NC
No Connect
5NC
No Connect
6Out
Out
APDS-9003
Pin 6:OUT
Pin 1:VCC
Pin 2,3,4,5 : NC
RLOAD
Figure 1: Typical application circuit for APDS-9003
I/O Pins Configuration Table
Absolute Maximum Ratings
Figure 2: Relative Spectral Response Vs Wavelength
0
0.2
0.4
0.6
0.8
1.0
1.2
350
550
750
950
1150
Wavelength (nm)
Eye
APDS-9003
Component
Recommended Application Circuit Component
Rload
1k
Ω
CAUTION: It is advised that normal static precautions be taken in handling and assembly of
this component to prevent damage and/or degradation which may be induced by ESD.
Ordering Information
Part Number
Packaging Type
Package
Quantity
Remarks
APDS-9003-020
Tape and Reel
6-pins Chipled package
2500
No Binning
Binning Available
Other binning options are available. Please contact your Avago Technologies representative for information
on current available bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com