Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP33771C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP33771C
Description  EVB User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP33771C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP33771C Datasheet HTML 1Page - Diodes Incorporated AP33771C Datasheet HTML 2Page - Diodes Incorporated AP33771C Datasheet HTML 3Page - Diodes Incorporated AP33771C Datasheet HTML 4Page - Diodes Incorporated AP33771C Datasheet HTML 5Page - Diodes Incorporated AP33771C Datasheet HTML 6Page - Diodes Incorporated AP33771C Datasheet HTML 7Page - Diodes Incorporated AP33771C Datasheet HTML 8Page - Diodes Incorporated AP33771C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP33771C
EVB User Guide
AP33771C EVB User Guide
Rev. 1.0
2 of 12
www.diodes.com
July 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
Chapter 1.
Introduction
The growing popularity of standard USB PD3.1 chargers for mobile phones and notebook PCs spurs the demand for leveraging standard
PD3.1 chargers to replace purposely and individually built chargers for battery-power electronic devices, reducing E-Waste.
The AP33771C Evaluation Board (EVB) is intended to be used as an evaluation vehicle for charging applications between a Type-C
Connector-equipped Device (TCD, Energy Sink) and a Type-C Connector-equipped PD Charger or Adaptor (PDC, Energy Source) through
a Type-C to Type-C cable.
Figure 1 illustrates a TCD embedded with a PD3.1 sink controller IC (i.e. AP33771C). This is physically connected to a PDC, embedded
with a USB PD3.1 source controller (e.g. AP43771) through a suitable Type-C to Type-C cable. Based on the USB PD3.1 compliance
protocol, the AP33771C may go through the USB PD3.1 standard negotiation process with the AP43771, and then the TCD will retrieve
power from the PDC.
Figure 1
– A typical TCD with the AP33771C PD3.1 Sink Controller requesting power from a USB PDC
To improve the AP33771C
’s user experience as a USB sink controller in TCDs, the AP33771C has built-in firmware to deal with automatic
cable voltage drop compensation, as well as legacy Type-A charging through a Type-A to Type-C cable.
The AP33771C
’s Evaluation Board (EVB) User Guide explains a simple resistor-setting arrangement to request desired input voltage and
current for a typical TCD. The grant voltage and current back from a PDC, for a successful match with source capability, can cover the
power request.
USB PDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com