Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL-2017 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCTL-2017
Description  Quadrature Decoder/Counter Interface ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCTL-2017 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCTL-2017 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCTL-2017 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Soldering and Mounting Considerations
It is recommended to use manual soldering for HCTL-
2021/2017 launch pad devices due to the characteristics
of the material used in the launch pad design that not
allow wave soldering.
Direct mounting on printed circuit board (PCB) only is
recommended for HCTL-2021/2017 launch pad devices.
Mounting gap of 1mm between the base of the launch
pad and customer’s printed circuit board (PCB) is
required.
NOTE: Precaution is required in order to avoid bend or loose pin
during product handling.
Length (L)
Width (W)
Thickness (T)
HCTL-2017
22.86 ± 0.5 mm
12.70 ± 0.5 mm
1.67 ± 0.25 mm
HCTL-2021
27.94 ± 0.5 mm
12.70 ± 0.5 mm
1.67 ± 0.25 mm
D0
CLK
SEL
OE
RST
CH B
CH A
VSS
VDD
D1
D2
D3
D4
D5
D6
D7
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
PINOUT A
VDD
D1
D2
D3
CNTdec
CNTcas
D4
D5
D6
D7
D0
CLK
SEL
OE
U/D
NC
RST
CH B
CH A
VSS
14
15
13
12
11
16
5
17
18
19
6
7
8
9
10
4
2
3
20
1
PINOUT B
(dimension in mm)
HCTL-2021 SHOWN
PIN DRAWING
Package Dimensions with Tolerances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com