Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA-412P8 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-412P8
Description  GaAs Enhancement-mode pHEMT Power Amplifier optimized for IEEE 802.11b/g applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-412P8 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-412P8 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-412P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
USL
30
35
40
50
55
45
LSL
24 24.2
24.6
25 25.2
25.6
26
LSL
23
24
25
26
27
28
Thermal Resistance [2]
(Vdd = 3.3V),
θθθθθjc = 33.3 °C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using 150 °C
Liquid Crystal Measurement Technique.
3. Board (package belly) temperature, Tb is 25
°C. Derate 30mW/ °C for Tb>123.36 °C.
Absolute Maximum Rating [1] Tc=25°C
Product Consistency Distribution Charts [4,5]
Figure 1. Id@ 2.452GHz; Nominal = 40mA, USL: 55mA
Figure 2. P1dB @ 2.452GHz; Nominal = 25.3dBm, LSL: 24dB
Figure 3. Gain@ 2.452GHz; Nominal = 25.5dB, LSL: 23 dB
Sym bol
Param eter
Units
Absolute M ax.
Vdd
Device Voltage, RF output to
ground
V5
Pin
CW RF Input Power (Vdd = 3.3V )
dBm
10
Pdiss
Total Power Dissipation [3]
W0.8
Tj
Junction Tem perature
oC150
TSTG
Storage Tem perature
oC
-65 to 150
Notes:
4. Distribution data sample size is 500 samples taken from 3 different
wafers and 3 different lots. Future wafers allocated to this product
may have nominal values anywhere between the upper and lower
limits.
5. Measurements are made on production test board, which
represents a trade-off between optimal Gain and P1dB. Circuit
losses have been de-embedded from actual measurements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com