Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9002 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9002
Description  Miniature Surface-Mount Ambient Light Photo Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9002 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Application Support Information
The Application Engineering
Group is available to assist you
with the application design
associated with APDS-9002
ambient light photo sensor
module. You can contact them
through your local sales
representatives for additional
details.
Ordering Information
Part Number
Packaging Type
Package
Quantity
APDS-9002-021
Tape and Reel
4-pins Chipled package
2500
Typical Application Circuit
I/O Pins Configuration Table
Pin
Symbol
Description
1
IOUT
IOUT
2
VCC
VCC
3
VCC
VCC
4NC
No Connect
Figure 1. Typical application circuit for APDS-9002.
PIN 2: VCC
PIN 3: VCC
APDS-9002
PIN 4: NC
PIN 1: IOUT
RLOAD
Figure 1 Table
Recommended Application
Component
Circuit Components
R
LOAD
1 kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com