Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6222 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6222
Description  7 to 21 GHz GaAs High Linearity Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6222 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6222 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6222 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings (1)
Parameters/Condition
Symbol
Unit
Max
Drain to Ground Voltage
Vdd
V
5.5
Gate-Drain Voltage
Vgd
V
-0
Drain Current
Idd
mA
70
RF CW Input Power Max
Pin
dBm
0
Max channel temperature
Tch
C
+50
Storage temperature
Tstg
C
-65 +50
Maximum Assembly Temp
Tmax
C
260 for 20s
() Operation in excess of any of these conditions may result in permanent damage to this device. The absolute maximum ratings for Vdd, Vgd, Idd and Pin were determined at
an ambient temperature of 25°C unless noted otherwise.
DC Specifications/ Physical Properties (2)
Parameter and Test Condition
Symbol
Unit
Min
Typ
Max
Drain Supply Current under any RF power drive and temp. (Vd=4.0 V)
Idd
mA
80
20
60
Drain Supply Voltage
Vd
V
3
4
5
Thermal Resistance(3)
θjc
°C/W
3.4
(2) Ambient operational temperature TA=25°C unless noted
(3) Channel-to-backside Thermal Resistance (Tchannel = 34°C) as measured using infrared microscopy. Thermal Resistance at backside temp. (Tb) = 25°C calculated from
measured data.
AMMC-6222 RF Specifications
TA= 25°C, Vdd = 4.0 V, Idd=120mA, Zo=50 W
Parameters and Test Conditions
Symbol
Unit
Freq
(GHz)
High Output
Power Configuration
Low Output
Power Configuration
Min
Typical
Max
Min
Typical
Max
Drain Current
Idd
mA
20
95
Small-Signal Gain[4]
Gain
dB
9, 2, 7
20
26
24
Noise Figure into 50
W [4]
NF
dB
9
2.7
2.8
2.4
2
2.5
2.8
2.4
7
2.7
2.8
2.4
Output Power at dB Gain Compression
P-dB
dBm
3
5.5
5
Output Third Order Intercept Point
OIP3
dBm 9, 2, 7
26
28
27
Isolation
Iso
dB
-50
-50
Input Return Loss
RLin
dB
-0
-0
Output Return Loss
RLout
dB
-0
-0
(4) All tested parameters guaranteed with measurement accuracy ± 2dB for gain and PdB, ±0.8dB for NF and ±5dBm for OPI3 in the high output power configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com