Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACFM-7102 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7102
Description  PCS/Cellular/S-GPS Quintplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7102 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7102 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7102 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image

ACFM-7102 Electrical Specifications, Z0=50Ω, TC[1][2] as indicated
-30°C
+25°C
+85°C
Symbol Parameter
Unit
Min Typ[3] Max
Min Typ[3] Max
Min Typ[3] Max
GPS Filter Performance
Antenna Port to GPS Receive Port
S4
Insertion Loss in GPS Band (L)
dB
.9
.0
.9
.0
(574.4–576.4 MHz)
S4
Insertion Loss Ripple (p-p) in GPS Band
dB
.0
0.7
.0
.0
S44
Return Loss of GPS Port in GPS Band
dB
9
9
6
9
S
Return Loss of Antenna Port in GPS Band
dB
9
9
9
9
Isolation-Cellular Transmit Port to GPS Port
S45
Isolation in Cellular Tx Band
(84–849 MHz)
dB
50
50
55
50
S45
Isolation in GPS Band (574.4–576.4 MHz)
dB
38
38
4
38
Isolation-PCS Transmit Port to GPS Port
S4
Isolation in PCS Tx Band (850.5 – 909.5 MHz)
dB
45
45
55
45
S4
Isolation in GPS Band (574.4–576.4 MHz)
dB
40
40
48
40
Cellular Duplexer Performance
Antenna Port to Cellular Receive Port
S6
Insertion Loss in Rx band (869–894 MHz)
dB
3.6
.8
3.4
3.6
S6
Insertion Loss Ripple (p-p) in Rx Band
dB
.8
.
.8
.8
S6
Attenuation in Tx band (84–849 MHz)
dB
55
55
64
50
S6
Attenuation 0–804 MHz
dB
5
5
36
5
S6
Attenuation in Tx nd harmonic band
dB
30
30
64
30
(648–698 MHz)
S6
Attenuation in Tx 3rd harmonic band
dB
9
9
4
9
(47–547 MHz)
S66
Return Loss of Rx Port in Rx Band
dB
9
9
6
9
(869–894 MHz)
S
Return Loss of Antenna Port in Rx Band
dB
9

9
3
9

(869–894 MHz)
Cellular Transmit Port to Antenna Port
S5
Insertion Loss in Tx band (84–849 MHz)
dB
.6
.4
.6
.6
S5
Insertion Loss Ripple (p-p) in Tx Band
dB
.6
.4
.6
.6
S5
Attenuation in Rx band (869–894 MHz)
dB
39
40
50
37
S5
Attenuation, 0–804 MHz
dB
0
0
38
0
S5
Attenuation in GPS band (574.4–576.4 MHz)
dB
37
37
4
37
S5
Attenuation in Tx nd harmonic band
dB
5
5
9
5
(648–698 MHz)
S5
Attenuation in Tx 3rd harmonic band
dB
8
8
7
8
(47–547 MHz)
S55
Return Loss of Tx Port in Tx band (84–849 MHz)
dB
9
9
5
9
S
Return Loss of Antenna port in Tx Band
dB
9

9
6
9

(84–849 MHz)
Isolation, Cellular Transmit Port to Cellular Receive Port
S65
Isolation, Tx to Rx port in Rx Band (869–894 MHz)
dB
40
40
5
40
S65
Isolation, Tx to Rx port in Tx Band (84–849 MHz)
dB
55
55
68
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com