Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-HD55 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HD55
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD55 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HD55 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD55 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Package Dimensions
A
B
5.20 ± 0.25
(0.204 ± 0.010)
11.90 ± 0.50
(0.469 ± 0.019)
2.54 ± 0.25
(0.10 ± 0.010)
7.00 ± 0.25
(0.275 ± 0.010)
1.0
(0.039)
1.50 ± 0.15
(0.059 ± 0.006)
MAX.
MAX.
SQ. TYP.
24.00
(0.945)
MIN.
0.70
(0.028)
1.00
(0.039)
MIN.
0.50 ± 0.10
(0.020 ± 0.004)
CATHODE LEAD
(SEE NOTE A)
NOTE: MEASURED AT BASE OF LENS.
3.80 ± 0.25
(0.150 ± 0.010)
5.20 ± 0.50
(0.205 ± 0.020)
11.80 ± 0.50
(0.465 ± 0.019)
2.54 ± 0.25
(0.10 ± 0.010)
6.85 ± 0.25
(0.270 ± 0.010)
1.0
(0.039)
1.50 ± 0.15
(0.059 ± 0.006)
MAX.
MAX.
SQ. TYP.
24.00
(0.945)
MIN.
0.70
(0.028)
1.00
(0.039)
MIN.
0.50 ± 0.10
(0.020 ± 0.004)
CATHODE LEAD
(SEE NOTE A)
NOTES:
1. DIMENSIONS IN MILLIMETERS (INCHES).
2. FOR InGaN BLUE AND GREEN (PACKAGE B), IF HEAT-SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE.
Device Selection Guide
Luminous Intensity Iv
Typical Dominant
(mcd) at 20 mA
Package
Part Number
Color
Wavelength ld(nm)
Minimum
Maximum
Lens Type
Dimension
HLMP-HD55-NR0xx 
Red 
630 
680 
1900 
Tinted, Diffused 
A 
HLMP-HB57-KN0xx 
Blue 
470 
310 
880 
Tinted, Diffused 
B 
HLMP-HB57-LMCxx 
Blue 
470 
400 
680 
Tinted, Diffused 
B 
HLMP-HB57-LP0xx 
Blue 
470 
400 
1150 
Tinted, Diffused 
B 
HLMP-HM57-SV0xx 
Green 
525 
1900 
5500 
Tinted, Diffused 
B 
HLMP-HM57-RSCxx 
Green 
525 
1500 
2500 
Tinted, Diffused 
B 
HLMP-HM57-RU0xx 
Green 
525 
1500 
4200 
Tinted, Diffused 
B 
Notes:
1.  Tolerance for luminous intensity measurement is ±15%.
2.  The luminous intensity is measured on the mechanical axis of the lamp package.
3.  The optical axis is closely aligned with the package mechanical axis.
4.  The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp.
5.  LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED with unaided 
eyes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com