Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV710 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TPV710
Description  Watchdog Timer Circuit with EN Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TPV710 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TPV710 Datasheet HTML 5Page - 3PEAK INC. TPV710 Datasheet HTML 6Page - 3PEAK INC. TPV710 Datasheet HTML 7Page - 3PEAK INC. TPV710 Datasheet HTML 8Page - 3PEAK INC. TPV710 Datasheet HTML 9Page - 3PEAK INC. TPV710 Datasheet HTML 10Page - 3PEAK INC. TPV710 Datasheet HTML 11Page - 3PEAK INC. TPV710 Datasheet HTML 12Page - 3PEAK INC. TPV710 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Feature Description
Watchdog Input
The TPV710 features a watchdog timer, which monitors microprocessor activity. A timer circuit is cleared with every low-to-
high or high-to-low logic transition on the watchdog input pin (WDI). If the timer counts through the watchdog timeout period
(tWD), WDO is asserted. The microprocessor is required to toggle the WDI pin to avoid being reset.
Enable Control
TPV710 has EN pin to control the watchdog timer, if EN is pull low, the watchdog timer is enabled, if EN is pull high, the
watchdog timer is disabled and the timer count is cleared. EN has internal pull down resistor, which means watchdog timer is
enabled if EN is not connected. In addition to EN control, the watchdog timer is also cleared by an under-voltage condition on
VCC. After VCC ramps above VUV, the watchdog timer can be controlled by EN control, and the timer starts counting.
Watchdog Output
When watchdog timer out occurs, the WDO goes low for tPR, and then goes high. If no WDI toggling, WDO goes low again
after tWD.
VCC
VSTART
WDI
WDO
<tWD
(0 or 1, not float)
EN
tWD
tRP
tWD
tRP
Figure 4. Watchdog Timing Diagram
TPV710
Watchdog Timer Circuit with EN Control
www.3peak.com
9 / 14
GA20230701A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com