Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL6.5A Datasheet(PDF) 2 Page - Silicon Supplies

Part # SSL6.5A
Description  200 Watt, Uni-Directional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SSL6.5A Datasheet(HTML) 2 Page - Silicon Supplies

  SSL6.5A Datasheet HTML 1Page - Silicon Supplies SSL6.5A Datasheet HTML 2Page - Silicon Supplies SSL6.5A Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.siliconsupplies.com
Electrical Characteristics T
J = 25°C unless otherwise stated
Absolute Maximum Ratings T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation 10/1000 μs
waveform
1
PPP
200
W
Peak forward surge current, 8.3ms
single half sine-wave
2
IFSM
20
A
ESD IEC61000-4-2 (Air)
3
ESD IEC61000-4-2 (Contact)
3
VESD
±30V
kV
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TS
-65 to +200
°C
200 Watt, Uni-Directional TVS Diode
Rev 1.0
02/12/24
1. Performance at die level dependent on assembly method and substrate choice. 2. Measured on 8.3 ms single half sine-wave or equivalent
square wave, duty cycle = 4 pulses per minute maximum. 3. Tested in SOD-123FL package.
REVERSE
STAND-OFF
VOLTAGE
BREAKDOWN
VOLTAGE @ IT
TEST
CURRENT
MAX
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
REVERSE
LEAKAGE
IR @ VRRM
DEVICE
4
VRRM
VBR(MIN) (V)
VBR(MAX) (V)
IT
VC
IPP
IR
V
V
V
mA
V
A
µA
SSL3.3A
3.3
5.23
5.97
10
8.0
23.5
30
SSL5.0A
5
6.43
6.97
10
9.2
21.7
4
SSL6.0A
6
6.70
7.34
10
10.3
19.4
1
SSL6.5A
6.5
7.25
7.95
10
11.2
17.9
1
SSL7.0A
7
7.81
8.57
10
12.0
16.7
1
SSL7.5A
7.5
8.36
9.18
1
12.9
15.5
1
SSL8.0A
8
8.92
9.80
1
13.6
14.7
1
SSL8.5A
8.5
9.47
10.37
1
14.4
13.9
1
SSL9.0A
9
10.03
11.07
1
15.4
13.0
0.25
SSL10A
10
11.13
12.27
1
17.0
11.8
0.25
SSL11A
11
12.23
13.47
1
18.2
11.0
0.25
SSL12A
12
13.33
14.67
1
19.9
10.1
0.25
SSL13A
13
14.43
15.87
1
21.5
9.3
0.08
SSL14A
14
15.63
17.17
1
23.2
8.6
0.08
SSL15A
15
16.73
18.29
1
24.4
8.2
0.08
SSL16A
16
17.83
19.67
1
26.0
7.7
0.08
SSL17A
17
18.93
20.87
1
27.6
7.2
0.08
SSL18A
18
20.03
22.07
1
29.2
6.8
0.08
SSL20A
20
22.23
24.47
1
32.4
6.2
0.08
SSL22A
22
24.43
26.87
1
35.5
5.6
0.08



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com