Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124XM Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC124XM
Description  50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XM Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC124XM Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XM Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Nexperia
PDTC124XM
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
006aaa176
IC (mA)
10- 1
102
10
1
1
10
VI(on)
(V)
10- 1
(1)
(3)
(2)
VCE = 0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 3. On-state input voltage as a function of collector
current; typical values
006aaa177
IC (mA)
10- 2
10
1
10- 1
1
10
VI(off)
(V)
10- 1
(1)
(3)
(2)
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 4. Off-state input voltage as a function of collector
current; typical values
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
03-04-03
Dimensions in mm
0.62
0.55
0.55
0.47
0.50
0.46
0.65
0.20
0.12
3
2
1
0.30
0.22
0.30
0.22
1.02
0.95
0.35
Fig. 5. Package outline DFN1006-3 (SOT883)
PDTC124XM
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
23 October 2024
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com