Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP801 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # LP801
Description  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LP801 Datasheet(HTML) 1 Page - Polyfet RF Devices

  LP801 Datasheet HTML 1Page - Polyfet RF Devices LP801 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
LP801
12
Single Ended
AP
15.0
1.0
30.0
3.40 C/W
65
0.8
5.50
1.0
55
0.90
2.50
3.0
50
0.10
70
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.40
0.10
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
1,000
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
1,000
1,000
Common Source Input Capacitance
70
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
15.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
15.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 04/27/2001
20
25 C )
WATTS OUTPUT )


Similar Part No. - LP801

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
LP801 PCTEL-LP801 Datasheet
412Kb / 4P
Smarteq™ LP80x-Series Low-Profile Antennas
September 19, 2023
logo
List of Unclassifed Man...
LP801B ETC2-LP801B Datasheet
94Kb / 4P
Tri-state coding control IC / Encoder / Decoder
2005-10-18 REV1.4
LP801B/802B ETC2-LP801B/802B Datasheet
94Kb / 4P
Tri-state coding control IC / Encoder / Decoder
2005-10-18 REV1.4
logo
Polyfet RF Devices
LP801 POLYFET-LP801_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - LP801

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L225 POLYFET-L225 Datasheet
38Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2711 POLYFET-L2711 Datasheet
40Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P Datasheet
40Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LK701 POLYFET-LK701 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX723 POLYFET-LX723 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LY402 POLYFET-LY402 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR301 POLYFET-LR301 Datasheet
45Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com