Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APDS-9007 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9007
Description  Ambient Light Photo Sensor with Logarithmic Current Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9007 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9007 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9007 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image

Ordering Information
Part Number
Packaging Type
Package
Quantity
APDS-9007-00
Tape and Reel
6-pins Chipled package
500
Typical Application Circuit
Figure 1. Typical application circuit for APDS-9007 (RLoad = 27 K Ohm)
I/O Pins Configuration Table
Pin
Symbol
Description
1
Gnd
Ground

NC *
No Connect
3
Out
Output
4
Vcc
Supply Voltage
5
NC *
No Connect
6
SD
Shutdown (Active High)
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD
Pin 4: VCC
Pin 3: OUT
Pin 1: GND
RLoad
APDS-
9007
GND
GND
Pin 6: SD
Absolute Maximum Ratings
For implementations where case to ambient thermal resistance is ± 50 °C /W
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-40
85
°C
Supply Voltage
VCC
0
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
-40
85
°C
Supply Voltage
VCC

3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com