Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4W1FHTBLACK Datasheet(PDF) 1 Page - Belden Inc.

Part # G4W1FHTBLACK
Description  G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

G4W1FHTBLACK Datasheet(HTML) 1 Page - Belden Inc.

  G4W1FHTBLACK Datasheet HTML 1Page - Belden Inc. G4W1FHTBLACK Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: G 4 W 1 F HT black
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black
body, solder type; 50V AC/DC, 6 A
Product Description
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
Technical Drawing
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
G Series
Brand:
Hirschmann
Connector Type:
Field Attachable
Type of Contact / Gender:
female
Connector Design:
angled
Number of Pins:
4
Shielding:
Unshielded
Attachment Type:
Central Screw
Rated Voltage:
50V AC/DC
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC/DC
Rated Current*:
6 A
Contact Resistance:
≤ 10 mOhm
Mating Cycles:
≤ 50
Type of Connection:
solder
Cable Gland:
PG 7
Conductor Cross Section:
max. 0.50 mm²
Suitable Cables:
Ø3.5 mm - Ø6 mm
Ambient Temperature (Operation)*:
-40°C to +125°C


Similar Part No. - G4W1FHTBLACK

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
G4W1FAUUMBLACK BELDEN-G4W1FAUUMBLACK Datasheet
377Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
G4W1FGREY BELDEN-G4W1FGREY Datasheet
417Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, grey body, solder type; 50V AC/DC, 6 A
G4W1FUMBLACK BELDEN-G4W1FUMBLACK Datasheet
378Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
More results

Similar Description - G4W1FHTBLACK

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00095 CONEC-43-00095 Datasheet
150Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43-00096 CONEC-43-00096_09 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43K1A835 CONEC-43K1A835 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
logo
Alpha Wire
200 ALPHAWIRE-200 Datasheet
194Kb / 2P
M12-A Female 4 Pin Field Attachable
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
M12-A Female 4 Pin Field Attachable
203 ALPHAWIRE-203 Datasheet
195Kb / 2P
M12-A Female 5 Pin Field Attachable
204 ALPHAWIRE-204 Datasheet
217Kb / 2P
M12-A Female 90 Degree 4 Pin Field Attachable
206 ALPHAWIRE-206 Datasheet
211Kb / 2P
M12-A Male 4 Pin Field Attachable
211 ALPHAWIRE-211 Datasheet
178Kb / 2P
M8 Female 4 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com